Part Number Hot Search : 
12AN3 RUEF800 5NK40 AS5040 11015 12232 ENA1198 IL2412S
Product Description
Full Text Search
 

To Download LNW2V681MSEC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
NW
Specifications
Item
Screw Terminal Type, High Voltage series
Suited for general inverter. Load life of 2000 hours application of ripple current at 85C Available for adapted to the RoHS directive (2002/95/EC).
NW
High Voltage
NR
Performance Characteristics
Category Temperature Range Rated Voltage Range Rated Capacitance Range
Capacitance Tolerance Leakage Current
tan
- 25 ~ +85C
350 ~ 550V 100 ~ 12000F 20% (120Hz, 20C)
Less than 3 CV (A) after 5 minutes' application [C:Rated capacitance (F), V:Voltage (V)] 0.25MAX. (120Hz, 20C)
Stability at Low Temperature Insulation Resistance Voltage proof
Capacitance changing
Rated volt. (V)
C (-25C) / C (+20C)
350 ~ 450 0.7 min.
500, 550V 0.6 min.
The insulation resistance shall be more than 100M at DC 500V application between terminal and bracket. There is no abnormality during AC 2500V 1 minute's application between terminal and bracket. After an application of DC voltage (in the range of rated DC voltage even after over-lapping the specified ripple current) for 2000 hours at 85C, capacitors meet the requirements listed at right. Capacitance change tan Leakage current Within 20% of initial value 300% or less of initial specified value Initial specified value or less Within 20% of initial value 300% or less of initial specified value Initial specified value or less
Endurance
Shelf Life Marking
After storing the capacitors under no load at 85C for 1000 hours, Capacitance change and after performing voltage treatment based on JIS C 5101-4 tan clause 4.1 at 20C, they will meet the reguirements listed at right. Leakage current Printed with white color letter on black sleeve
Drawing
B35 Screw terminal type
Bottom plate Sleeve Hexagenal headed bolt (M5) Pressure relief vent
Type numbering system (Ex. : 400V 10000 F)
3.5
L NW 2 G 1 0 3 M S E J
1
23
45
678
9 10 11 12 13 14
Case dia. code BD Code 035.0 C 051.0 F 063.5 G 076.2 H 090.0 J Mounting bracket (B35) 2-leg brackets Codeless No brackets BN (B51~B90) 3-leg brackets Codeless 2-leg brackets BB No brackets BN
12.7 1 35 + 2 MAX.
7 24 291
120
10 15 0.5 L+3MAX.
Configuration Capacitance tolerance (20%) Rated Capacitance (10000 F) Rated Voltage (400V) Series name Type
61
B51~ 90 Screw terminal type
Bottom plate Sleeve
30
10 451
Hexagenal headed bolt
Configuration
Pressure relief vent
Cr (111) Plating (RoHS compliant)
Cr (81) Plating
D +2MAX
W 1
Resin bushing available upon request.
Please contact to us if PVC less products are required.
SE
SM
h H 1 L+
B
MAX.
P 2 A 2
T
U S
S U
Dimension of terminal pitch (W) and length ( ) and Nominal dia. of bolt
51 63.5 76.2 90
BD
1
B 3-leg brackets for B90 capacitors have different hole shapes from the ordinary ones illustrated below.
P
W 22.0 28.6 31.8 31.8
6 6 6 6
=
3 3 3 3
Nominal dia. of bolt M5 M5 M5 M5
(mm)
T
P A 2
5
Dimension of mounting bracket
30
Pressure relief vent
Leg shape
7
Symbol
BD
Note) The terminal bolts and mounting brackets will be delivered
P A T S U H h
3-Leg 2-Leg 51 63.5 76.2 90 51 63.5 76.2 32.5 38.1 44.5 50.8 33.2 40.5 46.5 38.5 43 49.2 58.5 40 46.5 53 7.5 8.0 7.0 8.0 6.0 7.0 6.0 5.0 5.0 5.0 5.0 4.5 4.5 4.5 12 14 14 18 14 14 14 60 60 60 60 30 30 30 20 25 30 35 25 35 35 15 20 24 25 15 20 20
(mm)
90 53 59 6.0 4.5 14 30 35 20
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
NW
Cap. (F) 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000
series
Dimensions
Size D x L (mm) 35 x 60 35 x 70 35 x 80 35 x 90 35 x 100 35 x 120 51 x 75 51 x 85 51 x 95 51 x 115 63.5 x 95 51 x 130 35 x 50
Rated ripple (Arms)
350V (2V) Leakage Current
(mA)
Code LNW2V391MSEC LNW2V471MSEC LNW2V561MSEC LNW2V681MSEC LNW2V821MSEC LNW2V102MSEC LNW2V122MSEC LNW2V152MSEF LNW2V182MSEF LNW2V222MSEF LNW2V272MSEF LNW2V332MSEF LNW2V332MSEG LNW2V392MSEG LNW2V472MSEG LNW2V472MSEH LNW2V562MSEH LNW2V682MSEH LNW2V822MSEH LNW2V103MSEH LNW2V103MSEJ LNW2V123MSEJ
2.1 2.5 2.9 3.3 3.7 4.3 5.1 5.7 6.6 7.6 9.2 10.8 10.6 12.5 14.5 14.0 16.6 17.9 19.9 22.0 21.5 24.8
1.10 1.21 1.32 1.46 1.60 1.77 1.94 2.17 2.38 2.63 2.92 3.22 3.22 3.50 3.84 3.84 4.20 4.64 5.00 5.00 5.00 5.00
Cap. (F) 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000
Size D x L(mm) 35 x 60 35 x 70 35 x 80 35 x 90 35 x 100 35 x 120 51 x 75 51 x 85 51 x 95 63.5 x 95 51 x 130 35 x 50
Rated ripple (Arms)
400V (2G) Leakage Current
(mA)
Code LNW2G331MSEC LNW2G391MSEC LNW2G471MSEC LNW2G561MSEC LNW2G681MSEC LNW2G821MSEC LNW2G102MSEC LNW2G122MSEF LNW2G152MSEF LNW2G182MSEF LNW2G222MSEF LNW2G272MSEG LNW2G332MSEG LNW2G392MSEG LNW2G392MSEH LNW2G472MSEH LNW2G562MSEH LNW2G682MSEH LNW2G822MSEH LNW2G822MSEJ LNW2G103MSEJ
1.9 2.3 2.7 3.1 3.6 4.1 5.0 5.5 6.5 7.4 9.4 10.2 12.1 13.7 13.2 15.5 17.5 20.5 23.1 22.6 26.5
1.09 1.18 1.21 1.41 1.56 1.71 1.89 2.07 2.32 2.54 2.81 3.11 3.44 3.74 3.74 4.11 4.49 4.94 5.00 5.00 5.00
63.5 x 115 63.5 x 130 76.2 x 95 76.2 x 115 76.2 x 130 76.2 x 155 76.2 x 170 90 x 130 90 x 155
63.5 x 115 63.5 x 130 76.2 x 95 76.2 x 115 76.2 x 130 76.2 x 155 76.2 x 170 90 x 130 90 x 155
Cap. (F) 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200
Size D x L(mm) 35 x 60 35 x 70 35 x 90 35 x 50
Rated ripple (Arms)
450V (2W) Leakage Current
(mA)
Code LNW2W271MSEC LNW2W331MSEC LNW2W391MSEC LNW2W471MSEC LNW2W561MSEC LNW2W681MSEC LNW2W821MSEC LNW2W102MSEF LNW2W122MSEF LNW2W152MSEF LNW2W182MSEF LNW2W222MSEG LNW2W272MSEG LNW2W332MSEG LNW2W332MSEH LNW2W392MSEH LNW2W472MSEH LNW2W562MSEH LNW2W682MSEH LNW2W682MSEJ LNW2W822MSEJ
1.8 2.1 2.4 2.9 3.3 3.9 4.6 5.0 6.1 7.4 8.5 9.1 10.9 12.8 12.4 14.4 16.3 18.9 21.4 20.9 24.4
1.04 1.15 1.25 1.37 1.50 1.65 1.82 2.01 2.20 2.46 2.70 2.98 3.30 3.65 3.65 3.97 4.36 4.76 5.00 5.00 5.00
Cap. (F) 120 180 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900
Size D x L(mm) 35 x 60 35 x 80 35 x 100 35 x 120 51 x 75 51 x 85 51 x 95 51 x 115 63.5 x 95 63.5 x 95 76.2 x 95 51 x 130 35 x 50
Rated ripple (Arms)
500V (2H) Leakage Current
(mA)
Code LNW2H121MSEC LNW2H181MSEC LNW2H271MSEC LNW2H331MSEC LNW2H391MSEC LNW2H471MSEF LNW2H561MSEF LNW2H681MSEF LNW2H821MSEF LNW2H102MSEF LNW2H102MSEG LNW2H122MSEG LNW2H152MSEG LNW2H152MSEH LNW2H182MSEG LNW2H222MSEH LNW2H272MSEH LNW2H332MSEH LNW2H332MSEJ LNW2H392MSEJ
0.8 1.0 1.3 1.6 1.9 2.1 2.4 2.8 3.3 3.9 3.8 4.2 5.1 5.2 5.9 6.8 8.6 9.9 9.7 11.4
0.73 0.90 1.10 1.21 1.32 1.45 1.58 1.74 1.92 2.12 2.12 2.32 2.59 2.59 2.84 3.14 3.48 3.85 3.85 4.18
35 x 80 35 x 100 35 x 120 51 x 75 51 x 95
51 x 115 63.5 x 95 51 x 130
63.5 x 115 63.5 x 130 76.2 x 95 76.2 x 115 76.2 x 130 76.2 x 155 76.2 x 170 90 x 130 90 x 155
63.5 x 115 63.5 x 130 76.2 x 115 76.2 x 155 76.2 x 170 90 x 130 90 x 155
Rated Ripple (Arms) at 85C 120Hz
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
NW
Cap. (F) 100 120 180 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300
series
Dimensions
550V (2L) Size D x L(mm) 35 x 50 35 x 50 35 x 80
Rated ripple (Arms)
Leakage Current
(mA)
Code LNW2L101MSEC LNW2L121MSEC LNW2L181MSEC LNW2L271MSEC LNW2L331MSEC LNW2L391MSEF LNW2L471MSEF LNW2L561MSEF LNW2L561MSEG LNW2L681MSEF LNW2L681MSEG LNW2L821MSEF LNW2L821MSEG LNW2L102MSEG LNW2L122MSEH LNW2L152MSEH LNW2L182MSEH LNW2L222MSEH LNW2L272MSEH LNW2L272MSEJ LNW2L332MSEJ
0.7 0.8 1.1 1.5 1.8 1.9 2.2 2.5 2.9 3.0 3.4 3.5 4.0 4.4 4.6 5.6 6.5 7.8 9.0 8.8 10.4
0.70 0.77 0.94 1.15 1.27 1.38 1.52 1.66 1.66 1.83 1.83 2.01 2.01 2.22 2.43 2.72 2.98 3.30 3.66 3.66 4.04
35 x 100 35 x 120 51 x 75 51 x 85 51 x 95
63.5 x 95
63.5 x 115 63.5 x 130 63.5 x 130 76.2 x 115 76.2 x 130 76.2 x 155 76.2 x 170 90 x 130 90 x 155 76.2 x 95 51 x 130
51 x 115
Rated Ripple (Arms) at 85C 120Hz
Frequency coefficient of rated ripple current
Frequency (Hz)
Coefficient
50 0.80
60 0.82
120 1.00
300 1.10
1k 1.35
10k~ 1.40
CAT.8100V


▲Up To Search▲   

 
Price & Availability of LNW2V681MSEC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X